Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-C1CB( )G Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-C1CB( )G Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-C1CB( )G
Download  FTR-C1CB( )G Download
File Size   502.76 Kbytes
Page   8 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description SIGNAL RELAY 2 POLES - 2A HIGH INSULATION/WIDE GAP

FTR-C1CB( )G Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-C1CB( )G Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-C1CB( )G
Download  FTR-C1CB( )G Click to download

File Size   502.76 Kbytes
Page   8 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description SIGNAL RELAY 2 POLES - 2A HIGH INSULATION/WIDE GAP

FTR-C1CB( )G Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-C1CB( )G Product details

FEATURES
APPLICATIONS
2 Poles, 2 form C
Contact gap: More than 0.6mm
High surge voltage: 2,500V between open contacts
5,000V between coil & contact
Complies with Telcordia (former Bellcore) 2nd level surge
Dielectric strength: 1,500VAC between open contacts
3,000VAC between coil and contact
Dimensions of large contact gap relay
Height: 9.4mm maximum (THT), 9.7mm maximum (SMT)
Length: 15.2mm maximum
Width: 7.7mm maximum
Conforms to IEC60950/ EN60950/UL1950/CSA C 22.2 No. 950 working
voltage 250V (supplementary)
High insulation: Clearance: min 2.0mm (coil and contacts)
Creepage: min 2.5mm (coil and contacts)
Low power consumption 280mW (latching type 140mW)
RoHS Compliant
Plastic sealed
xDSL modems, digital multi-function printers (signal switching), STB(line switching), car navigation (audio switching)




Similar Part No. - FTR-C1CB( )G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FTR-C1CB003G FUJI-FTR-C1CB003G Datasheet
439Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
FTR-C1CB005G FUJI-FTR-C1CB005G Datasheet
439Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
FTR-C1CB012G FUJI-FTR-C1CB012G Datasheet
439Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
logo
fujitsu semiconductor
FTR-C1CB012G FUJITSU-FTR-C1CB012G Datasheet
357Kb / 9P
POWER RELAY 2 POLES-2A High Insulation/wide Gap
logo
Fuji Electric
FTR-C1CB024G FUJI-FTR-C1CB024G Datasheet
439Kb / 8P
ULTRA MINIATURE RELAY SIGNAL RELAY
More results


Similar Description - FTR-C1CB( )G

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-C1 FUJITSU-FTR-C1 Datasheet
357Kb / 9P
POWER RELAY 2 POLES-2A High Insulation/wide Gap
FTR-C2 FUJITSU-FTR-C2_10 Datasheet
840Kb / 8P
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
KODENSHI_AUK CORP.
SG268 KODENSHI-SG268 Datasheet
275Kb / 2P
Wide GAP/
logo
fujitsu semiconductor
RY FUJITSU-RY Datasheet
450Kb / 10P
2 POLES - 1 to 2A (for signal switching)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com